Part Number Hot Search : 
2SC3032 AN328 CITR215 00BZXC 2SK402 GRM033 VGT814 FAN7083M
Product Description
Full Text Search
 

To Download KBPC4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
KBPC40, 50/W SERIES
40, 50A HIGH CURRENT BRIDGE RECTIFIER
Features
! ! ! ! ! ! Diffused Junction Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Metal Case for Maximum Heat Dissipation Case to Terminal Isolation Voltage 2500V UL Recognized File # E157705 A C G ~ D + ~ C C ~ D ~ + A C G
H
H E B
KBPC KBPC-W
KBPC KBPC-W Min Max Min Max 28.40 28.70 28.40 28.70 10.97 11.23 10.97 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.86 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm
Mechanical Data
! ! ! ! ! ! Case: Metal Case with Electrically Isolated Epoxy Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Symbols Marked on Case Mounting: Through Hole for #10 Screw Weight: KBPC 31.6 grams (approx.) KBPC-W 28.5 grams (approx.) Marking: Type Number
"W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals
E B
Dim A B C D E G H
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @TC = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) Forward Voltage Drop (per element) KBPC40 KBPC50 Symbol VRRM VRWM VR VR(RMS) IO -00/W 50 35
@TA=25C unless otherwise specified
-01/W 100 70
-02/W 200 140
-04/W 400 280 40 50
-06/W 600 420
-08/W 800 560
-10/W 1000 700
Unit V V A
KBPC40 KBPC50
IFSM
400 400
A
KBPC40 @IF = 20A KBPC50 @IF = 25A @TC = 25C @TC = 125C
VFM IRM
1.2 10 1.0
V A mA
Peark Reverse Current At Rated DC Blocking Voltage
KBPC40, 50/W SERIES
1 of 4
(c) 2002 Won-Top Electronics
Maximum Ratings and Electrical Characteristics
Typical Junction Capacitance (per element) (Note 1) Typical Thermal Resistance Junction to Case (per element) (Note 2) KBPC40 KBPC50 Cj
@TA=25C unless otherwise specified
300
pF
RJC
1.5
K/W
RMS Isolation Voltage from Case to Lead Operating and Storage Temperature Range
VISO Tj, TSTG
2500 -65 to +150
V C
* Glass passivated forms are available upon request. Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case mounted on heatsink.
KBPC40, 50/W SERIES
2 of 4
(c) 2002 Won-Top Electronics
IF, AVERAGE FORWARD CURRENT (A)
KBPC50
Mounted on a 220 x 220 x 50 mm AL plate heatsink
45
KBPC40
IF, INSTANTANEOUS FORWARD CURRENT (A)
60
100
10
30
1.0
15
0.1
Tj = 25C
Resistive or Inductive load
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
300
Cj, CAPACITANCE (pF)
Tj = 150C
200
100
100
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) 1.0
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
KBPC40, 50/W SERIES
3 of 4
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBPCxx00 KBPCxx00W KBPCxx01 KBPCxx01W KBPCxx02 KBPCxx02W KBPCxx04 KBPCxx04W KBPCxx06 KBPCxx06W KBPCxx08 KBPCxx08W KBPCxx10 KBPCxx10W
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
KBPC40, 50/W SERIES
4 of 4


▲Up To Search▲   

 
Price & Availability of KBPC4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X